| データシートサーチシステム |
|
CMS630 データシート(PDF) 2 Page - DFI Inc |
|
|
|||||||||||||||||||||||||||||
CMS630 データシート(HTML) 2 Page - DFI Inc |
|
2 / 4 page ![]() www.dfi.com MECHANICAL DRAWING 0 10.16 154.94 227.33 233.68 0 22.86 154.94 227.33 BLOCK DIAGRAM W480E/ Q470E Channel A SATA 3.0 SMBus DDI HDA LPC S/PDIF Front Audio Audio Jack (Line-out/Mic-in/Line-in (opt.)) RS232/422/485 2x RS232 4x DDR4 2400/2666/2933MHzDIMM M.2 E key 1x (opt.) SATA 4x TCA6416 SMBus VGA Realtek ALC888 Super IO with WDT Fan Control H/W Monitor Case Open DMI 3.0 LGA 1200 GbE LAN 1 USB 3.2 Gen2 2x GLAN I210AT MDI USB 2.0 USB 2.0 2x colay vertical Type A LPC LPC Header SPI SPI BIOS Channel A DDR4 2400/2666/2933MHzDIMM Channel B DDR4 2400/2666/2933MHzDIMM Channel B DDR4 2400/2666/2933MHzDIMM IT6516BFN DDI DP++ HDMI PCIe x4 PCIe x4 2x PCIe x1 TPM 2.0 (opt.) USB 2.0 USB 3.2 Gen2/Gen1 PCIe x1 LAN 2 USB 3.2 Gen1 2x GLAN I219LM MDI USB 2.0 USB 3.2 Gen1 USB 3.2 Gen2/Gen1 USB 3.2 Gen2 2x (Key B 20-pin) USB 2.0 USB 2.0 USB 2.0 4x PS/2 KB/MS PCIe x16 PCIe x16 2x (1 x16 or 2 x8 signal) PCIe x1 IT8893E PCI PCI 2x DDI ASM1442K USB 2.0 1x Vertical Type A USB 2.0 DIO 16-bit PCIe x4 1x (default) PCIe x4/SATA M.2 M key 1x PCIe x4 M.2 M key 1x |