| データシートサーチシステム |
|
ICS85401 データシート(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS85401 データシート(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 11 page ![]() 85401AK www.icst.com/products/hiperclocks.html REV. A FEBRUARY 22, 2005 9 Integrated Circuit Systems, Inc. ICS85401 2:1 DIFFERENTIAL-TO-LVDS MULTIPLEXER PACKAGE OUTLINE - K SUFFIX FOR 16 LEAD VFQFN TABLE 7. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MO-220 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y SM U M I N I MM U M I X A M N 6 1 A 0 8 . 00 . 1 1 A 05 0 . 0 3 A e c n e r e f e R 5 2 . 0 b 8 1 . 00 3 . 0 e C I S A B 0 5 . 0 N D 4 N E 4 D 0 . 3 2 D 5 2 . 05 2 . 1 E 0 . 3 2 E 5 2 . 05 2 . 1 L 0 3 . 00 5 . 0 |