データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS2040FL データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SS2040FL
部品情報  2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2040FL データシート(HTML) 1 Page - Pan Jit International Inc.

  SS2040FL Datasheet HTML 1Page - Pan Jit International Inc. SS2040FL Datasheet HTML 2Page - Pan Jit International Inc. SS2040FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS2040FL
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
These ultra-efficient, low VF Schottky diodes feature high current
capability, while housed in a very small SOD-123 Flat Lead package.
They are ideal for applications requiring maximum power dissipation per
board area.
PN Guard-Ring Die Construction for Transient Protection
Lead-Free Plating (100% Matte Tin Finish)
High Current Capability
Low V for Reduced Forward Conduction Loss
Mobile Phones and Accessories
Hand-Held Computers
Repetitive Peak Reverse Voltage
Continuous Reverse Voltage
Continuous Forward Current
Non-repetitive Peak Forward Current, t = 1sec, Square Wave
Total Power Dissipation (Note 1)
Operating Junction Temperature Range
Storage Temperature Range
8/31/2005
Page 1
www.panjit.com
40
V
V
40
A
2.0
A
50
550
mW
C
-55 to +125
C
-55 to +150
V
V
I
I
P
T
T
RRM
R
F (AV)
FSM
tot
stg
T = 25°C Unless otherwise noted
J
J
Note 1. FR-5 Board 1.0 x 0.75 x 0.062 in.
SOD-123FL
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient
181
Value
R
°C/W
F
MARKING CODE: GP


同様の部品番号 - SS2040FL

メーカー部品番号データシート部品情報
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2040FL TAYCHIPST-SS2040FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2040FL YENYO-SS2040FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS2040FL SAMYANG-SS2040FL Datasheet
976Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SS2040FL

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CTLSH05-4M521 CENTRAL-CTLSH05-4M521 Datasheet
164Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621 Datasheet
158Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L Datasheet
358Kb / 2P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMDSH05-4 CENTRAL-CMDSH05-4_10 Datasheet
366Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_10 Datasheet
511Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L Datasheet
502Kb / 2P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
Surface Mount Low VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L_15 Datasheet
835Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L_V01 Datasheet
833Kb / 4P
SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com