データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS2040FLT/R13 データシート(PDF) 3 Page - Pan Jit International Inc.

部品番号 SS2040FLT/R13
部品情報  2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2040FLT/R13 データシート(HTML) 3 Page - Pan Jit International Inc.

  SS2040FLT/R13 Datasheet HTML 1Page - Pan Jit International Inc. SS2040FLT/R13 Datasheet HTML 2Page - Pan Jit International Inc. SS2040FLT/R13 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.panjit.com
8/31/2005
Page 3
ORDERING INFORMATION
SS2040FL T/R7 - 7 inch reel, 3K units per reel
SS2040FL T/R13 - 13 inch reel, 10K units per reel
Copyright PanJit International, Inc 2005
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation
herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
SS2040FL



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com