| データシートサーチシステム |
|
S312XDP512F0MPVR データシート(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR データシート(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 1350 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.17 74 Freescale Semiconductor Vector base + $BE $5F SPI1 I bit SPI1CR1 (SPIE, SPTIE) Vector base + $BC $5E SPI2 I bit SPI2CR1 (SPIE, SPTIE) Vector base + $BC RESERVED Vector base + $BA $5D EEPROM I bit ECNFG (CCIE, CBEIE) Vector base + $B8 $5C FLASH I bit FCNFG (CCIE, CBEIE) Vector base + $B6 $5B CAN0 wake-up I bit CAN0RIER (WUPIE) Vector base + $B4 $5A CAN0 errors I bit CAN0RIER (CSCIE, OVRIE) Vector base + $B2 $59 CAN0 receive I bit CAN0RIER (RXFIE) Vector base + $B0 $58 CAN0 transmit I bit CAN0TIER (TXEIE[2:0]) Vector base + $AE $57 CAN1 wake-up I bit CAN1RIER (WUPIE) Vector base + $AC $56 CAN1 errors I bit CAN1RIER (CSCIE, OVRIE) Vector base + $AA $55 CAN1 receive I bit CAN1RIER (RXFIE) Vector base + $A8 $54 CAN1 transmit I bit CAN1TIER (TXEIE[2:0]) Vector base + $A6 $53 CAN2 wake-up I bit CAN2RIER (WUPIE) Vector base + $A4 $52 CAN2 errors I bit CAN2RIER (CSCIE, OVRIE) Vector base + $A2 $51 CAN2 receive I bit CAN2RIER (RXFIE) Vector base + $A0 $50 CAN2 transmit I bit CAN2TIER (TXEIE[2:0]) Vector base + $9E $4F CAN3 wake-up I bit CAN3RIER (WUPIE) Vector base+ $9C $4E CAN3 errors I bit CAN3RIER (CSCIE, OVRIE) Vector base+ $9A $4D CAN3 receive I bit CAN3RIER (RXFIE) Vector base + $98 $4C CAN3 transmit I bit CAN3TIER (TXEIE[2:0]) Vector base + $AE to Vector base + 98 Reserved Vector base + $9E to Vector base + 98 Reserved Vector base + $96 $4B CAN4 wake-up I bit CAN4RIER (WUPIE) Vector base + $94 $4A CAN4 errors I bit CAN4RIER (CSCIE, OVRIE) Vector base + $92 $49 CAN4 receive I bit CAN4RIER (RXFIE) Vector base + $90 $48 CAN4 transmit I bit CAN4TIER (TXEIE[2:0]) Vector base + $8E $47 Port P Interrupt I bit PIEP (PIEP7-PIEP0) Vector base+ $8C $46 PWM emergency shutdown I bit PWMSDN (PWMIE) Vector base + $8A $45 SCI2 I bit SCI2CR2 (TIE, TCIE, RIE, ILIE) Table 1-12. Interrupt Vector Locations (Sheet 2 of 3) Vector Address1 XGATE Channel ID2 Interrupt Source CCR Mask Local Enable |