| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 1350 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 47 1.1.5 Part ID Assignments & Maskset Numbers The part ID is located in two 8-bit registers PARTIDH and PARTIDL (addresses 0x001A and 0x001B). The read-only value is a unique part ID for each revision of the chip. Table 1-6 shows the assigned part ID number and Mask Set number. 1.2 Signal Description This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal properties, and detailed discussion of signals. 1.2.1 Device Pinout The MC9S12XD family of devices offers pin-compatible packaged devices to assist with system development and accommodate expansion of the application. Table 1-6. Part Names, Masksets and Assigned Part ID Numbers Part Names Mask Set Number Part ID1 1 The coding is as follows: Bit 15-12: Major family identifier Bit 11-8: Minor family identifier Bit 7-4: Major mask set revision number including FAB transfers Bit 3-0: Minor — non full — mask set revision MC9S12XDP512 0L15Y/1L15Y 0xC410/0xC411 MC9S12XDT512 0L15Y/1L15Y 0xC410/0xC411 MC9S12XA512 0L15Y/1L15Y 0xC410/0xC411 MC9S12XDT384 0L15Y/1L15Y 0xC410/0xC411 MC9S12XDQ256 0L15Y/1L15Y 0xC410/0xC411 0M84E/1M84E 0xC000/0xC001 MC9S12XDT256 0L15Y/1L15Y 0xC410/0xC411 0M84E/1M84E 0xC000/0xC001 MC9S12XD256 0L15Y/1L15Y 0xC410/0xC411 0M84E/1M84E 0xC000/0xC001 MC9S12XB256 0L15Y/1L15Y 0xC410/0xC411 0M84E/1M84E 0xC000/0xC001 MC9S12XA256 0L15Y/1L15Y 0xC410/0xC411 0M84E/1M84E 0xC000/0xC001 MC9S12XDG128 0L15Y/1L15Y 0xC410/0xC411 0M42E/1M42E/2M42E 0xC100/0xC101/0xC102 MC9S12XD128 0L15Y/1L15Y 0xC410/0xC411 0M42E/1M42E/2M42E 0xC100/0xC101/0xC102 MC9S12XA128 0L15Y/1L15Y 0xC410/0xC411 0M42E/1M42E/2M42E 0xC100/0xC101/0xC102 MC9S12XB128 0L15Y/1L15Y 0xC410/0xC411 0M42E/1M42E/2M42E 0xC100/0xC101/0xC102 |