| データシートサーチシステム |
|
PC312XDP512F0CAL データシート(PDF) 93 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL データシート(HTML) 93 Page - Freescale Semiconductor, Inc |
|
93 / 1350 page ![]() Chapter 2 Clocks and Reset Generator (S12CRGV6) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 93 Table 2-8. RTI Frequency Divide Rates for RTDEC = 1 RTR[3:0] RTR[6:4] = 000 (1x103) 001 (2x103) 010 (5x103) 011 (10x103) 100 (20x103) 101 (50x103) 110 (100x103) 111 (200x103) 0000 ( ÷1) 1x103 2x103 5x103 10x103 20x103 50x103 100x103 200x103 0001 ( ÷2) 2x103 4x103 10x103 20x103 40x103 100x103 200x103 400x103 0010 ( ÷3) 3x103 6x103 15x103 30x103 60x103 150x103 300x103 600x103 0011 ( ÷4) 4x103 8x103 20x103 40x103 80x103 200x103 400x103 800x103 0100 ( ÷5) 5x103 10x103 25x103 50x103 100x103 250x103 500x103 1x106 0101 ( ÷6) 6x103 12x103 30x103 60x103 120x103 300x103 600x103 1.2x106 0110 ( ÷7) 7x103 14x103 35x103 70x103 140x103 350x103 700x103 1.4x106 0111 ( ÷8) 8x103 16x103 40x103 80x103 160x103 400x103 800x103 1.6x106 1000 ( ÷9) 9x103 18x103 45x103 90x103 180x103 450x103 900x103 1.8x106 1001 ( ÷10) 10 x103 20x103 50x103 100x103 200x103 500x103 1x106 2x106 1010 ( ÷11) 11 x103 22x103 55x103 110x103 220x103 550x103 1.1x106 2.2x106 1011 ( ÷12) 12x103 24x103 60x103 120x103 240x103 600x103 1.2x106 2.4x106 1100 ( ÷13) 13x103 26x103 65x103 130x103 260x103 650x103 1.3x106 2.6x106 1101 ( ÷14) 14x103 28x103 70x103 140x103 280x103 700x103 1.4x106 2.8x106 1110 ( ÷15) 15x103 30x103 75x103 150x103 300x103 750x103 1.5x106 3x106 1111 ( ÷16) 16x103 32x103 80x103 160x103 320x103 800x103 1.6x106 3.2x106 |