| データシートサーチシステム |
|
PC312XDP512F0CAL データシート(PDF) 162 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL データシート(HTML) 162 Page - Freescale Semiconductor, Inc |
|
162 / 1350 page ![]() Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3) MC9S12XDP512 Data Sheet, Rev. 2.17 162 Freescale Semiconductor 5.3 Memory Map and Register Definition This section provides a detailed description of all registers accessible in the ATD. 5.3.1 Module Memory Map Figure 5-2 gives an overview of all ATD registers. NOTE Register Address = Base Address + Address Offset, where the Base Address is defined at the MCU level and the Address Offset is defined at the module level. 5.3.2 Register Descriptions This section describes in address order all the ATD registers and their individual bits. Register Name Bit 7 654321 Bit 0 ATDCTL0 R 00000 WRAP2 WRAP1 WRAP0 W ATDCTL1 R ETRIGSEL 0000 ETRIGCH2 ETRIGCH1 ETRIGCH0 W ATDCTL2 R ADPU AFFC AWAI ETRIGLE ETRIGP ETRIGE ASCIE ASCIF W ATDCTL3 R 0 S8C S4C S2C S1C FIFO FRZ1 FRZ0 W ATDCTL4 R SRES8 SMP1 SMP0 PRS4 PRS3 PRS2 PRS1 PRS0 W ATDCTL5 R DJM DSGN SCAN MULT 0 CC CB CA W ATDSTAT0 R SCF 0 ETORF FIFOR 0 CC2 CC1 CC0 W Unimplemente d R W ATDTEST0 R UUUUUUUU W ATDTEST1 R U U 00000 SC W = Unimplemented or Reserved Figure 5-2. ATD Register Summary (Sheet 1 of 5) |