データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LEDPRO10WH データシート(PDF) 2 Page - Timeguard

部品番号 LEDPRO10WH
部品情報  10W LED Professional Rewireable Floodlight - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TIMEGUARD [Timeguard]
ホームページ  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO10WH データシート(HTML) 2 Page - Timeguard

  LEDPRO10WH Datasheet HTML 1Page - Timeguard LEDPRO10WH Datasheet HTML 2Page - Timeguard LEDPRO10WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Capacity (mm2)
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
113° x 108°
360° (Tilt)
Class F
10kWh/1000H
1160
116 lm/W
4000
SMD (Intergrated)
98
Yes
1.5mm (Twin & Earth Cable)
Back Entry
General
353
110
150
60
Polycarbonate (Body) Aluminium (Bracket)
White
Fittings (Rawl Plugs, Grommits, Screws)
LEDPROCAM, LEDPROPCB, LEDPROPCWH,
LEDPROSLB, LEDPROSLWH, LEDPRORFKB,
LEDPRORFKWH, LEDPROFOB
5012483013793
3 Years
9405114090
Data sheet
LEDPRO10WH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3