| データシートサーチシステム |
|
TAMC220-DOC データシート(PDF) 2 Page - TEWS Technologies GmbH |
|
|
|||||||||||||||||||||||||||||
TAMC220-DOC データシート(HTML) 2 Page - TEWS Technologies GmbH |
|
2 / 2 page ![]() The Embedded I/O Company PCIe x1 PCIe Bridge IP-Interface IP-Slot A IP-Slot B IP-Slot C MMC 50 I/Os (Port 4) FCLKA M-LVDS Transceiver Order Information RoHS Compliant TAMC220-10R 3 Slot IndustryPack Carrier, Double Mid-Size, MTCA.4 Rear I/O*) TAMC220-11R 3 Slot IndustryPack Carrier, Double Full-Size, MTCA.4 Rear I/O *) Please note that the mid-size module has restrictions to its usage because of a component height violation. It is within the responsibility of the user to carefully check if the mid-size module with its component height violation can be used in his system. Otherwise damage of the TAMC220 or its slot to be used in may occur! For more information see the user manual TAMC220-DOC. For the availability of non-RoHS compliant (leaded solder) products please contact TEWS. Documentation TAMC220-DOC User Manual Software CARRIER-SW-42 VxWorks Software Support (Legacy and VxBus-Enabled Software Support) CARRIER-SW-65 Windows Software Support CARRIER-SW-82 Linux Software Support CARRIER-SW-95 QNX Software Support For other operating systems please contact TEWS. Related Products TAMC002-TM MTCA.4 Rear I/O µRTM for TAMC220, 3 x VHD6 TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice. All trademarks mentioned are property of their respective owners. Issue 1.0.1 2017-08-17 TEWS TECHNOLOGIES GmbH Am Bahnhof 7 25469 Halstenbek, Germany Phone: +49 (0) 4101 4058 0 Fax: +49 (0) 4101 4058 19 e-mail: info@tews.com www.tews.com |