データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25PE20 データシート(PDF) 23 Page - STMicroelectronics

部品番号 M25PE20
部品情報  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20 データシート(HTML) 23 Page - STMicroelectronics

Back Button M25PE20_07 Datasheet HTML 19Page - STMicroelectronics M25PE20_07 Datasheet HTML 20Page - STMicroelectronics M25PE20_07 Datasheet HTML 21Page - STMicroelectronics M25PE20_07 Datasheet HTML 22Page - STMicroelectronics M25PE20_07 Datasheet HTML 23Page - STMicroelectronics M25PE20_07 Datasheet HTML 24Page - STMicroelectronics M25PE20_07 Datasheet HTML 25Page - STMicroelectronics M25PE20_07 Datasheet HTML 26Page - STMicroelectronics M25PE20_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
M25PE20, M25PE10
Instructions
23/60
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 8) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Write (PW), Page
Program (PP), Page Erase (PE), and Sector Erase (SE) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 8.
Write Enable (WREN) instruction sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60