データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLB3000 データシート(PDF) 2 Page - Timeguard

部品番号 MLB3000
部品情報  3000W Night Eye PIR Light Controller - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TIMEGUARD [Timeguard]
ホームページ  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

MLB3000 データシート(HTML) 2 Page - Timeguard

  MLB3000 Datasheet HTML 1Page - Timeguard MLB3000 Datasheet HTML 2Page - Timeguard MLB3000 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number Of Channels
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
1
140W LED, 3000W Halogen, 500W Fluorescent
Lighting, 150W Discharge Lighting
5 Seconds to 18 Minutes
20 to 1000
12
Yes (Pulse Override)
No
Up to 8 Units In Parallel
Back Entry
General
256
139
72
121
Polycarbonate
Black
Fittings (Rawl Plugs, Screws)
5012483010853
3 Years
8536508090
Data sheet
MLB3000
Light / PIR Lighting Controllers
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com