データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WFDBC データシート(PDF) 2 Page - Timeguard

部品番号 WFDBC
部品情報  Wi-Fi Smart Camera Doorbell & Chime
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TIMEGUARD [Timeguard]
ホームページ  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

WFDBC データシート(HTML) 2 Page - Timeguard

  WFDBC Datasheet HTML 1Page - Timeguard WFDBC Datasheet HTML 2Page - Timeguard WFDBC Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Field Of View
Video Recording
Alarm Volume
Audio
Storage
Motion Detection (m)
Detection Angle
PIR Sensitivity
Night Vision
VPN Support
Push Buttons
Mounting Hole Centres (mm)
Standby Consumption
Detection Range (m)
Multiple Unit Support
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
148°
Event Based
30 to 110dB (Chime)
Internal Speaker and Microphone
128GB Micro SD Card (Not Included)
Up to 5 (Fixed)
120°
App Based
Auto
No
Doorbell Call Button
106 (Top/Bottom), 40 (Left/Right)
<0.4W (Chime)
5
Yes
General
188 (Doorbell), 89 (Chime)
124 (Doorbell), 82 (Chime)
61 (Doorbell), 82 (Chime)
34.5 (Doorbell), 55.6 (Chime)
Polycarbonate
White
Rawl Plugs, Screws, Screwdriver, Mirco USB Cable
5012483015346
3 Years
8536909500
Data sheet
WFDBC
Wi-Fi / Wi-Fi Cameras
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com