データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0900ECMCL データシート(PDF) 3 Page - Littelfuse

部品番号 P0900ECMCL
部品情報  MicroCapacitance SIDACtor Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0900ECMCL データシート(HTML) 3 Page - Littelfuse

  P0900ECMCL Datasheet HTML 1Page - Littelfuse P0900ECMCL Datasheet HTML 2Page - Littelfuse P0900ECMCL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.littelfuse.com
3 - 24
© 2006 Littelfuse, Inc. • Telecom Design Guide
0LFUR&DSDFLWDQFH 0& 6,'$&WRUŠ 'HYLFH
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Waveform
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – ˚C
25 ˚C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – ˚C
25 ˚C
Normalized DC Holding Current versus Case Temperature



Html Pages

1 2 3