| データシートサーチシステム |
|
TMOV34S151MP データシート(PDF) 5 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
TMOV34S151MP データシート(HTML) 5 Page - Littelfuse |
|
5 / 6 page ![]() Varistor Products ©2012 Littelfuse, Inc. Revision: July 5, 2012 TMOV®34S Varistor Series Industrial High Energy Thermally Protected Varistors > TMOV ®34S Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/tmov34s.html for current information. Pulse Rating Curve Hx34 50,000 20,000 10,000 5,000 2,000 1,000 500 200 100 50 20 10 20 100 1,000 10,000 IMPULSE DURATION ( μs) 15 1 INDEFINITE 105 102 2 103 104 106 Peak Current & Energy Derating Curve Typical time to open circuit under UL1449 Abnormal Overvoltage Limited Current Test 0.1 1 10 10 100 1000 1000 Time s 0.125A 0.5A 2.5A 5A Typical V–I Characteristic Curves for TMOV®34S Varistor 1000 10000 1mA 10mA 100mA 1A 10A 100A 10000A 100000A TA = -55 C to 85C V751 V681 V661 V571 V551 V511 V391 V351 V331 V321 V271 V251 V201 V181 V151 V141 V111 V131 V301 V481 V461 V421 100 1000A Maximum Clamping Voltage TMOV34S series Current - AMPS Voltage - VOLTS ® Series TMOV®34S devices are intended, in conjunction with appropriate enclosure overvoltage conditions, the units will exhibit substantial heating and potential venting prior to opening. Modules should be designed to contain this possibility. Application testing is strongly recommended. surge current and energy ratings must be reduced as shown. 0 20 40 60 80 100 -55 50 60 70 80 90 100 110 120 130 AMBIENT TEMPERATURE (ºC) Figure 1 Figure 2 Figure 3 Figure 4 |