データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P2000SCMCL データシート(PDF) 43 Page - Littelfuse

部品番号 P2000SCMCL
部品情報  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL データシート(HTML) 43 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 39Page - Littelfuse P2000SCMCL Datasheet HTML 40Page - Littelfuse P2000SCMCL Datasheet HTML 41Page - Littelfuse P2000SCMCL Datasheet HTML 42Page - Littelfuse P2000SCMCL Datasheet HTML 43Page - Littelfuse P2000SCMCL Datasheet HTML 44Page - Littelfuse P2000SCMCL Datasheet HTML 45Page - Littelfuse P2000SCMCL Datasheet HTML 46Page - Littelfuse P2000SCMCL Datasheet HTML 47Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
3DFNLQJ2SWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 43
www.littelfuse.com
T10C
The following illustration shows the tray for the T10C. Standard tray quantity is 1000 per box
(10 trays of 100 each).
0.602 to Index
8.900
A
A
8.850
B
B
R.150 4X
Top Surface of
Area Recessed
by 0.100
0.855 TYP.
0.846
TYP.
A - - - A
3X Scale
B - - - B
3X Scale
0.000
R.030 TYP.
0.587
0.000
Index
0.799
0.091
Top Packaging Tray
0.098
R.020 TYP.
0.533
0.000
0.602
0.000
Index
[Material Thickness: 0.010 ]
A - - - A
3X Scale
B - - - B
3X Scale
Bottom Packaging Tray
0.855
TYP.
0.587
REF.
0.602
REF.
A
A
B
B
Top Surface of
Area Recessed
by 0.100
0.846
TYP.
Center
of
Pocket
8.850
0.423
R.150
R.250
Unless specified, provide
minimum draft angle.
0.428
0.000
R.120
R.030
R.020
R.030
0.372
R.070
R.020
0.884
R.020 TYP.
0.000
0.428
R.030
0.382
[Material Thickness: 0.010 ]
Dimensions are
in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52