データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M01-RMW6TP データシート(PDF) 9 Page - STMicroelectronics

部品番号 M95M01-RMW6TP
部品情報  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-RMW6TP データシート(HTML) 9 Page - STMicroelectronics

Back Button M95M01-RMW6TP Datasheet HTML 5Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 6Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 7Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 8Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 9Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 10Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 11Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 12Page - STMicroelectronics M95M01-RMW6TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
M95M01-R
Signal description
9/39
2.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either High or Low, and must be stable during all write instructions.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39