データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M01-RMW6TG データシート(PDF) 23 Page - STMicroelectronics

部品番号 M95M01-RMW6TG
部品情報  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-RMW6TG データシート(HTML) 23 Page - STMicroelectronics

Back Button M95M01-RMW6TG Datasheet HTML 19Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 20Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 21Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 22Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 23Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 24Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 25Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 26Page - STMicroelectronics M95M01-RMW6TG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
M95M01-R
Instructions
23/39
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be
entered:
●
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W)
Low
●
or by driving Write Protect (W) Low after setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write
Protect (W) High.
If Write Protect (W) is permanently tied High, the Hardware Protected Mode (HPM) can
never be activated, and only the Software Protected Mode (SPM), using the Block Protect
(BP1, BP0) bits of the Status Register, can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39