| データシートサーチシステム |
|
40EPF06 データシート(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
40EPF06 データシート(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 40EPF06PbF QUIET IR Series Bulletin I2171 10/04 www.irf.com Outline Table Dimensions in millimeters and inches 15 .90 (0 .626 ) 15 .30 (0 .602 ) 14 .20 ( 0 .559 ) 14. 80 ( 0.583) 3. 70 ( 0 .14 5) 4. 30 (0 .17 0) 5.30 ( 0.208) 5. 70 ( 0 .22 5) 5.50 ( 0.217) 4. 50 ( 0 .17 7) ( 2 PLCS.) 3. 55 ( 0 .13 9) 3. 65 ( 0 .14 4) 2. 20 (0 .08 7) MAX . 1. 00 (0 .03 9) 1. 40 (0 .05 6) 0. 40 ( 0 .21 3) 0.80 ( 0.032) 4.70 ( 0.185) 5. 30 (0 .20 9) 1.5 ( 0.059) 2.5 ( 0.098) 2. 40 ( 0 .09 5) MAX . 10 .86 ( 0 .427 ) 10. 94 ( 0.430) 20 .30 ( 0 .800 ) 19 .70 ( 0 .775 ) 1 3 DIA. 1 CATHODE ANODE 3 2 BASE CATHODE Marking Information LOT CODE ASSEMBLY INTERNATIONAL RECTIFIER EXAMPLE: IN ASSEMBLY LINE "H" ASSEMBLED ON WW 35, 2000 THIS IS A 40EPF06 LOT CODE 5657 WITH ASSEMBLY LOGO PART NUMBER YEAR 0 = 2000 P = LEAD-FREE WEEK 35 LINE H P035H 56 57 40EPF06 DATE CODE |