| データシートサーチシステム |
|
DS1WM データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1WM データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 20 page ![]() DS1WM 2 of 20 The operation of the 1-Wire bus is described in detail in the Book of iButton ® Standards [1]; therefore, the details of that will not be discussed in this document. Each slave device, in general, has its own set of commands that are described in detail in that device’s data sheet. The user is referred to those documents for detail on specific slave implementations. BLOCK DIAGRAM INTERRUPT REGISTER INT ENABLE REGISTER DATA BUS BUFFER CONTROL LOGIC MASTER RESET 1-WIRE TIMING AND CONTROL INTERRUPT CONTROL LOGIC DQ A0 MR D0-D7 INTR A1 A2 ADS RD WR EN CLK CLOCK DIVIDER COMMAND REGISTER TRANSMIT BUFFER Tx SHIFT REGISTER Rx SHIFT REGISTER RECEIVE BUFFER CLOCK DIV REGISTER CONTROL REGISTER OWSTPZ PIN DESCRIPTIONS The following describes the function of all the block I/O pins. In the following descriptions, 0 represents logic low and 1 represents logic high. A0, A1, A2, Register Select: Address signals connected to these three inputs select a register for the CPU to read from or write to during data transfer. A table of registers and their addresses is shown below. iButton is a registered trademark of Dallas Semiconductor Corp., a wholly owned subsidiary of Maxim Integrated Products, Inc. |