データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN751PT データシート(PDF) 12 Page - STMicroelectronics

部品番号 VN751PT
部品情報  High side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751PT データシート(HTML) 12 Page - STMicroelectronics

Back Button VN751PT Datasheet HTML 7Page - STMicroelectronics VN751PT Datasheet HTML 8Page - STMicroelectronics VN751PT Datasheet HTML 9Page - STMicroelectronics VN751PT Datasheet HTML 10Page - STMicroelectronics VN751PT Datasheet HTML 11Page - STMicroelectronics VN751PT Datasheet HTML 12Page - STMicroelectronics VN751PT Datasheet HTML 13Page - STMicroelectronics VN751PT Datasheet HTML 14Page - STMicroelectronics VN751PT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
VN751PT
12/15
Figure 9.
Package dimensions
Table 9.
PPAK mechanical data
Dim.
Min
Typ
Max
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.40
0.60
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D1
5.1
D
6.00
6.20
E
6.40
6.60
E1
4.7
e1.27
G
4.90
5.25
G1
2.38
2.70
H
9.35
10.10
L2
0.8
1.00
L4
0.60
1.00
R0.2
V2
0º
8º
Package Weight
Gr. 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15