| データシートサーチシステム |
|
DAC8564IDPWR データシート(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC8564IDPWR データシート(HTML) 9 Page - Texas Instruments |
|
9 / 46 page ![]() www.ti.com Time(2s/div) 12 V(peak-to-peak) m 300 250 200 150 0 1M 100 1k 10k 100k 10 Frequency(Hz) ReferenceUnbuffered C =0 F REF m 100 50 C =4.8 F REF m 2.505 2.504 2.495 25 -15 -5 15 -25 I (mA) LOAD 2.503 2.501 2.502 +25°C +120 C ° -40°C 2.500 2.496 2.497 2.498 2.499 5 -20 -10 0 10 20 2.505 2.504 2.495 25 -15 -5 15 -25 I (mA) LOAD 2.503 2.501 2.502 2.500 2.496 2.497 2.498 2.499 5 -20 -10 0 10 20 +25°C -40°C +120°C 2.503 2.502 2.501 2.498 5.5 3.0 3.5 4.0 2.5 AV (V) DD 2.500 4.5 5.0 +120 C ° +25 C ° - ° 40 C 2.499 2.503 2.502 2.501 2.498 5.5 3.0 3.5 4.0 2.5 AV (V) DD 2.500 4.5 5.0 +120 C ° +25 C ° - ° 40 C 2.499 DAC8564 SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007 TYPICAL CHARACTERISTICS: Internal Reference (continued) At TA = +25°C, unless otherwise noted. INTERNAL REFERENCE NOISE DENSITY INTERNAL REFERENCE NOISE vs FREQUENCY 0.1Hz TO 10Hz Figure 7. Figure 8. INTERNAL REFERENCE VOLTAGE INTERNAL REFERENCE VOLTAGE vs LOAD CURRENT (Grades C and D) vs LOAD CURRENT (Grades A and B) Figure 9. Figure 10. INTERNAL REFERENCE VOLTAGE INTERNAL REFERENCE VOLTAGE vs SUPPLY VOLTAGE (Grades C and D) vs SUPPLY VOLTAGE (Grades A and B) Figure 11. Figure 12. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): DAC8564 |