| データシートサーチシステム |
|
SM5951AF データシート(PDF) 21 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5951AF データシート(HTML) 21 Page - Nippon Precision Circuits Inc |
|
21 / 24 page ![]() SM5951A SEIKO NPC CORPORATION —21 DSD Signal Delay Information and Adjustment The DSD signal internal process flow is shown in the following diagram. Each stage of the process increases the data delay, and the delay is adjusted internally so that the delay is approximately 1FS cycle. Input-stage delay (I/O buffer) The input processing delay due to DSD input format status and the BCKI/FS phase relationship is approxi- mately 0.5 to 1.5 samples in length. (1) Normal mode timing example DSDIn_m I/O Buff MIX (1) DSM (16) SW (1) FIR Filter (26) DSM (32) Delay Down DSDOn DSD64On Delay = 58 (128fs sample) Delay = 18 (DSD sample) Delay 128 or Delay 64 BCKI (MAX) (Clocked) nn + 2 n + 1 n − 1 n + 1 n BCKI (MAX) BCKI (MIN) DSDI (MIN) Delay (MAX) Delay (MIN) BCKI (MIN) (Clocked) DSD buff1 (MAX) (Input block) DSD buff1 (MIN) (Input block) n − 1 n + 1 n n − 2 DSD buff2 [Ch8:Ch1] (Input block) (ENFS) CLK (1024fs) BCKO DSD input (edit block) CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COEF input (edit block) n − 1 n n + 1 DSDI (MAX) CH8 CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8 CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8 n + 1 n + 1 |