データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6731BTR データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6731BTR
部品情報  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731BTR データシート(HTML) 21 Page - STMicroelectronics

Back Button L6731BTR Datasheet HTML 16Page - STMicroelectronics L6731BTR Datasheet HTML 17Page - STMicroelectronics L6731BTR Datasheet HTML 18Page - STMicroelectronics L6731BTR Datasheet HTML 19Page - STMicroelectronics L6731BTR Datasheet HTML 20Page - STMicroelectronics L6731BTR Datasheet HTML 21Page - STMicroelectronics L6731BTR Datasheet HTML 22Page - STMicroelectronics L6731BTR Datasheet HTML 23Page - STMicroelectronics L6731BTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L6731B
Package mechanical data
21/24
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24