| データシートサーチシステム |
|
STLM75M2F データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM75M2F データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 37 page ![]() STLM75 Part numbering 35/37 8 Part numbering Table 16. Ordering information scheme For other options, or for more information on any aspect of this device, please contact the ST Sales Office nearest you. Example: STLM75 M 2 F Device Type STLM75 Package M = SO8 DS = MSSOP8 (TSSOP8)(1) 1. Contact local ST sales office for availability Temperature Range 2 = –55 to 125°C Shipping Method F = ECOPACK Package, Tape & Reel E=ECOPACK Package, Tube |