| データシートサーチシステム |
|
STLM75DS2F データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM75DS2F データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() STLM75 Functional description 17/37 3.1.2 Configuration register The Configuration register is used to store the device settings such as Device Operation mode, OS Operation mode, OS Polarity, and OS Fault Queue. The Configuration register allows the user to program various options such as thermostat fault tolerance, thermostat polarity, Thermostat Operating mode, and Shutdown mode. The user has READ/WRITE access to all of the bits in the Configuration register except the MSB (Bit7), which is reserved as a “Read only” bit (see Table 6). The entire register is volatile and thus powers-up in its default state only. Table 5. Register pointers selection summary Pointer Value (H) P1 P0 Name Description Width (Bits) Type (R/W) Power- on Default Comments 00 0 0 TEMP Temperature Register 16 Read- only N/A To store Measured Temperature Data 01 0 1 CONF Configuration Register 8R/W 00 02 1 0 THYS Hysteresis Register 16 R/W 4B00 Default = 75°C 03 1 1 TOS Over- temperature Shutdown 16 R/W 5000 Set point for Over- temperature Shutdown (TOS) limit default = 80°C Table 6. Configuration register format Byte MSB LSB Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 STLM75 Reserved 0 0 FT1 FT0 POL M SD Default 00000000 Keys: SD = Shutdown Control Bit FT1 = Fault Tolerance1 Bit M = Thermostat Mode(1) 1. Indicates Operation mode; 0 = Comparator mode, and 1 = Interrupt mode (see Comparator mode and Interrupt mode on page 13). Bit 5 = Must be set to '0'. POL = Output Polarity(2) 2. The OS is active-low ('0'). Bit 6 = Must be set to '0'. FT0 = Fault Tolerance0 Bit Bit 7 = Must be set to '0'. Reserved. |