データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS70SMJ-2 データシート(PDF) 2 Page - Powerex Power Semiconductors

部品番号 FS70SMJ-2
部品情報  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS70SMJ-2 データシート(HTML) 2 Page - Powerex Power Semiconductors

  FS70SMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
MITSUBISHI Nch POWER MOSFET
FS70SMJ-2
HIGH-SPEED SWITCHING USE
V
µA
mA
V
m
Ω
m
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
100
—
—
1.0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
1.5
13
14
0.46
68
8200
1150
600
54
140
830
350
1.0
—
115
—
±0.1
0.1
2.0
17
18
0.60
—
—
—
—
—
—
—
—
1.5
0.83
—
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = 100V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 35A, VGS = 10V
ID = 35A, VGS = 4V
ID = 35A, VGS = 10V
ID = 35A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 50V, ID = 35A, VGS = 10V, RGEN = RGS = 50
Ω
IS = 35A, VGS = 0V
Channel to case
IS = 70A, dis/dt = –100A/
µs
PERFORMANCE CURVES
0
40
80
120
160
200
0
200
50
100
150
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
100
3
5
7
101
2
3
5
7
102
2
3
5
7
100
35 7
2
101
35 7
2
102
35 7
2
3
23
tw = 10
ms
TC = 25°C
Single Pulse
100
ms
10ms
1ms
DC
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
PD = 150W
VGS = 10V
3V
4V
5V
TC = 25°C
Pulse Test
6V
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
5V
4V
2.5V
3V
3.5V
TC = 25°C
Pulse Test
VGS = 10V



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com