| データシートサーチシステム |
|
TMPR4938 データシート(PDF) 71 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4938 データシート(HTML) 71 Page - Toshiba Semiconductor |
|
71 / 716 page ![]() Chapter 3 Signals 3-17 3.3 Pin multiplex The TX4938 has some multiplexed pins. Each pin is used for different functions depending on the settings of the PCFG[61:58] control register and ADDR[18]/[9], DATA[6]/[3] boot configuration signal. Table 3.3.1 shows how to set the function for each pin. Table 3.3.1 Pin multiplex (1/2) Function on pin-multiplex Signal, PCFG ECC PIO[15:8] ACLC ETHER0 ETHER1 ATA/ISA ISA SPI NDFMC ADDR[18] H L * H * * * * * ADDR[9] * * H L * * * * * DATA[6] * * * * L * * * * DATA[3] H H H L * * * * * PCFG[61] * * * * * 1 0 * 0 PCFG[60] * * * * * * 1 * 0 PCFG[59] * * * * * * * 1 * Setting of Boot config. signal and PCFG (Note1) (Note2) PCFG[58] * * * * * 0 0 * 1 CE[7] E1COL CE[6] E1CRS CE[5] E1TXER CE[4] ND_CE* CE[3] ND_CLE CB[7] CB[7] PIO[15] E0TXD[3] CB[6] CB[6] PIO[14] E0TXD[2] CB[5] CB[5] PIO[13] E0RXD[3] CB[4] CB[4] PIO[12] E0RXD[2] CB[3] CB[3] PIO[11] E0TXD[1] CB[2] CB[2] PIO[10] E0TXD[0] CB[1] CB[1] PIO[9] E0RXD[1] CB[0] CB[0] PIO[8] E0RXD[0] DMAREQ[3] IOR* IOR* ND_RE* DMAACK[3] IOW* IOW* ND_WE* DMAREQ[2] ACRESET * E0TXCLK DMAACK[2] SYNC E0MDIO DMAREQ[1] SPIN DMAACK[1] SPIOUT DMAREQ[0] DMAACK[0] PIO[7] PIO[6] CS[1]* ND_RB * PIO[5] CS[0]* ND_AL E PIO[4] SDOUT PIO[3] SDIN[0] E0TXEN Function of Each signal (Note3) (Note4) PIO[2] BITCLK E0CRS |