| データシートサーチシステム |
|
PIC16F628AESS データシート(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F628AESS データシート(HTML) 165 Page - Microchip Technology |
|
165 / 180 page ![]() © 2005 Microchip Technology Inc. DS40044D-page 163 PIC16F627A/628A/648A 19.0 PACKAGING INFORMATION 19.1 Package Marking Information 18-Lead PDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F627A-I/P 0410017 18-Lead SOIC (.300”) XXXXXXXXXXXX XXXXXXXXXXXX XXXXXXXXXXXX YYWWNNN Example PIC16F628A -E/SO 0410017 20-Lead SSOP XXXXXXXXXXX XXXXXXXXXXX YYWWNNN Example PIC16F648A -I/SS 0410017 28-Lead QFN XXXXXXXX XXXXXXXX YYWWNNN Example 16F628A -I/ML 0410017 Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. |