| データシートサーチシステム |
|
TMP93CS45 データシート(PDF) 49 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 データシート(HTML) 49 Page - Toshiba Semiconductor |
|
49 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-47 (3) Micro DMA start vector When the CPU reads the interrupt vector after accepting an interrupt, it simultaneously compares the interrupt vector (Bits 2 to 6 of the interrupt vector) with each channel’s micro DMA start vector. When the two match, the interrupt from the channel whose value matched is processed in micro DMA mode. If the interrupt vector matches more than one channel, the channel with the lower channel number has a higher priority. Micro DMA0 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA0V4 DMA0V3 DMA0V2 DMA0V1 DMA0V0 DMA0V (007CH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 0 processed by matching bits 2 to 6 of the interrupt vector. Prohibit read- modify- write Micro DMA1 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA1V4 DMA1V3 DMA1V2 DMA1V1 DMA1V0 DMA1V (007DH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 1 processed by matching bits 2 to 6 of the interrupt vector. Prohibit read- modify- write Micro DMA2 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA2V4 DMA2V3 DMA2V2 DMA2V1 DMA2V0 DMA2V (007EH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 2 processed by matching bits 2 to 6 of the interrupt vector. Prohibit read- modify- write Micro DMA3 Start Vector 7 6 5 4 3 2 1 0 Bit symbol DMA3V4 DMA3V3 DMA3V2 DMA3V1 DMA3V0 DMA3V (007FH) Read/Write W After reset 0 0 0 0 0 Function Micro DMA channel 3 processed by matching bits 2 to 6 of the interrupt vector. Prohibit read- modify- write Figure 3.4.7 Micro DMA Start Vector Register |