| データシートサーチシステム |
|
UPSD3422EB40U6 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 293 page ![]() uPSD34xx instruction set summary uPSD34xx 44/293 Table 8. Data transfer instruction set Note: 1 All mnemonics copyrighted ©Intel Corporation 1980. 2 This instruction is not supported by uPSD34xx. See Section 9.6: External Indirect Addressing on page 39 Mnemonic(1) and Use Description Length/Cycles MOV A, Rn Move register to ACC 1 byte/1 cycle MOV A, direct Move direct byte to ACC 2 byte/1 cycle MOV A, @Ri Move indirect SRAM to ACC 1 byte/1 cycle MOV A, #data Move immediate data to ACC 2 byte/1 cycle MOV Rn, A Move ACC to register 1 byte/1 cycle MOV Rn, direct Move direct byte to register 2 byte/2 cycle MOV Rn, #data Move immediate data to register 2 byte/1 cycle MOV direct, A Move ACC to direct byte 2 byte/1 cycle MOV direct, Rn Move register to direct byte 2 byte/2 cycle MOV direct, direct Move direct byte to direct 3 byte/2 cycle MOV direct, @Ri Move indirect SRAM to direct byte 2 byte/2 cycle MOV direct, #data Move immediate data to direct byte 3 byte/2 cycle MOV @Ri, A Move ACC to indirect SRAM 1 byte/1 cycle MOV @Ri, direct Move direct byte to indirect SRAM 2 byte/2 cycle MOV @Ri, #data Move immediate data to indirect SRAM 2 byte/1 cycle MOV DPTR, #data16 Load Data Pointer with 16-bit constant 3 byte/2 cycle MOVC A, @A+DPTR Move code byte relative to DPTR to ACC 1 byte/2 cycle MOVC A, @A+PC Move code byte relative to PC to ACC 1 byte/2 cycle MOVX A, @Ri (2) Move XDATA (8-bit addr) to ACC 1 byte/2 cycle MOVX A, @DPTR Move XDATA (16-bit addr) to ACC 1 byte/2 cycle MOVX @Ri, A (2) Move ACC to XDATA (8-bit addr) 1 byte/2 cycle MOVX @DPTR, A Move ACC to XDATA (16-bit addr) 1 byte/2 cycle XCH A, Rn Exchange register with ACC 1 byte/1 cycle PUSH direct Push direct byte onto stack 2 byte/2 cycle POP direct Pop direct byte from stack 2 byte/2 cycle XCH A, direct Exchange direct byte with ACC 2 byte/1 cycle XCH A, @Ri Exchange indirect SRAM with ACC 1 byte/1 cycle XCHD A, @Ri Exchange low-order digit indirect SRAM with ACC 1 byte/1 cycle |