データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX1007E18A データシート(PDF) 8 Page - AXElite technology co. ltd

部品番号 AX1007E18A
部品情報  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXELITE [AXElite technology co. ltd]
ホームページ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E18A データシート(HTML) 8 Page - AXElite technology co. ltd

Back Button AX1007E18A Datasheet HTML 4Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 5Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 6Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 7Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 8Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 9Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 10Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 11Page - AXElite technology co. ltd AX1007E18A Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
Layout Guide
GND
VIN
VOUT
ADJ
VIN
VOUT
GND
VOUT
VIN
C2
C1
C2
C1
R1
R2
VIN
VOUT
GND
Best performance is achieved by placing C1 and C2 on the same side of the PCB as the
AX1007, and as close as is practical to the package. The ground connections for C1 and C2
should be back to the AX1007 ground plane using as wide, and as short, of a copper trace as is
practical. To ensure the device does not overheat, connect the pad to VOUT plane with an
appropriate amount of copper PCB area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17