| データシートサーチシステム |
|
AX1007F15 データシート(PDF) 8 Page - AXElite technology co. ltd |
|
|
|||||||||||||||||||||||||||||
AX1007F15 データシート(HTML) 8 Page - AXElite technology co. ltd |
|
8 / 17 page ![]() 8/17 Axelite Confidential Materials, do not copy or distribute without written consent. Rev.2.0 Sep.05, 2019 AX1007 Layout Guide GND VIN VOUT ADJ VIN VOUT GND VOUT VIN C2 C1 C2 C1 R1 R2 VIN VOUT GND Best performance is achieved by placing C1 and C2 on the same side of the PCB as the AX1007, and as close as is practical to the package. The ground connections for C1 and C2 should be back to the AX1007 ground plane using as wide, and as short, of a copper trace as is practical. To ensure the device does not overheat, connect the pad to VOUT plane with an appropriate amount of copper PCB area. |