| データシートサーチシステム |
|
ST72682R20 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72682R20 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 36 page ![]() ST72682 Pin description 9/36 Table 5. USB 2.0 and core clock system Pin Pin name Description LQFP64 8 VSSA S Ground for oscillator & PLL (1.8 V) 7 OSCOUT O 12MHz oscillator output 6 OSCIN I 12MHz oscillator input 5 VDDA S Supply voltage for oscillator & PLL (1.8 V) Table 6. General Purpose I/O ports / Mass Storage I/Os Pin Pin name Level Main function (after reset) LQFP64 59 NAND D[0] I/O TT D4 NAND data [0] 58 NAND D[1] I/O TT D4 NAND data [1] 57 NAND D[2] I/O TT D4 NAND data [2] 56 NAND D[3] I/O TT D4 NAND data [3] 55 NAND D[4] I/O TT D4 NAND data [4] 52 NAND D[5] I/O TT D4 NAND data [5] 51 NAND D[6] I/O TT D4 NAND data [6] 50 NAND D[7] I/O TT D4 NAND data [7] 21 NAND D[8] I/O TT D4 NAND data [8] 20 NAND D[9] I/O TT D4 NAND data [9] 10 NAND D[10] I/O TT D4 NAND data [10] 11 NAND D[11] I/O TT D4 NAND data [11] 12 NAND D[12] I/O TT D4 NAND data [12] 13 NAND D[13] I/O TT D4 NAND data [13] 14 NAND D[14] I/O TT D4 NAND data [14] 15 NAND D[14] I/O TT D4 NAND data [15] 34 NAND ALE I/O TT D8 NAND address latch enable 35 PE4 I/O TT D2 28 NAND CLE O TT D8 NAND command latch enable 27 NAND WE O TT D8 NAND write enable 26 NAND RE O TT D8 NAND read enable 25 NAND CE1 O TT D4 NAND enable 1 24 NAND CE2 O TT D4 NAND enable 2 23 NAND CE3 O TT D4 NAND enable 3 |