| データシートサーチシステム |
|
NT90THASDC3VC データシート(PDF) 5 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
NT90THASDC3VC データシート(HTML) 5 Page - DB Lectro Inc |
|
5 / 5 page ![]() Safety approvals Safety approval UL&CUR T V CQC Load NO:40A/240VAC 30A/277VAC NO: 40A/240VAC 14VDC NO: 30A/240VAC NC: 30A/240VAC 20A/277VAC NC: 30A/240VAC 14VDC NC: 20A/240VAC 2HP 250VAC Insulation B-class 1 HP 250VAC TV-5 F-class Insulation B-class F-class Reference Data Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications. Ordering Information N90TP H L A S DC12V C B 0.9 1 2 3 4 5 6 7 8 9 6 Coil rated Voltage(V) AC:12,24, 110,120,220 DC:3,5,6,9,12,15,18,24,48,110 7 Contact material C: AgCdO S: AgSnO 2 ; 8 Resist heat class B:130 F:155 9 Coil power consumption 0.6:0.6W 0.9:0.9W NIL:2VA I: AgSnO In O 2 2 3 1 Part number NT90TP T92 NT90TP 2 2 Load H:30A N:40A 3 High NIL: Standard L: Low profile type 4 Contact arrangement A:1A B:1B C:1C 5 Enclosure S: Sealed type D: Dust cover E: Covered Contact Data Contact Arrangement 1A SPSTNO 1B SPSTNC 1C SPDT(B-M) Contact Material AgCdO AgSnO AgSnO In O 22 2 3 Contact Rating (resistive) Max. Switching Power 1100W 7200VA Max. Switching Voltage 110VDC 250VAC Max. Switching Current:40A Contact Resistance or Voltage drop 30m Item 3.12 of IEC255-7 5 Operation Electrical 10 Item 3.30 of IEC255-7 7 life Mechanical 10 Item 3.31 of IEC255-7 Coil Parameter CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. NT90TP (T92) 03001003503 E9930952 R2033977.07 E160644 32.4(50) 27 20 32.4(50) 27 28.5 Features 124 NT90TP (T92) R C US Patent No.02110881.1 NO:30A/240VAC,14VDC; NC:20A/240VAC;30A/14VDC NO:40A/250VAC,30VDC; NC:30A/250VAC,30VDC (0.9W) NO:30A/277VAC;NC:20A/277VAC Motor load 2HP 250VAC 1.5HP 250V Lamp load TV-5 Release Time ms AC Coil Parameter 012AC 12 15.6 27 9.0 3.6 024AC 24 31.2 120 18.0 7.2 110AC 110 143 2360 82.5 33.0 120AC 120 156 3040 90.0 36.0 220AC 220 286 13490 165.0 66.0 Dash numbers Rated voltage VAC Coil resistance 10% Pick up voltage VAC(max) (75%of rated voltage) Release voltage VAC(min) (30%of rated voltage) Coil power Operate Time ms Rated Max 2VA Rated current mA 187 95 20 16.5 6.4 HP:A 1HP/16AFLA/120VAC 2HP/12AFLA/240VAC B 30LRA/10AFLA/120VAC 30LRA/10AFLA/240VAC 2 1 Ningbo Forward Relay Corporation LTD. NHG RELAYS |