| データシートサーチシステム |
|
MPX4100AS データシート(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX4100AS データシート(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 10 page ![]() PACKAGE DIMENSIONS NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. INCHES 0.100 BSC MILLIMETERS 2.54 BSC DIM A B C D E F G J K N S V MIN 0.690 0.245 0.780 0.027 0.178 0.048 0.014 0.345 0.300 0.220 0.182 MAX 0.255 0.820 0.033 0.186 0.064 0.016 0.375 0.310 0.240 0.720 0.194 MIN 17.53 6.22 19.81 0.69 4.52 1.22 0.36 8.76 7.62 5.59 4.62 MAX 18.28 6.48 20.82 0.84 4.72 1.63 0.41 9.53 7.87 6.10 4.93 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX A 65 4 3 2 1 C K N E -B- PORT #1 POSITIVE PRESSURE (P1) J -T- S G F D 6 PL PIN 1 M B M 0.13 (0.005) T V CASE 867E-O3 ISSUE D STOVE PIPE PORT (AS) C E V J PORT #1 POSITIVE PRESSURE (P1) -T- -P- M Q M 0.25 (0.010) T D 6 PL F G K PIN 1 U A B R S N -Q- S P M 0.13 (0.005) Q S T 65 4 3 2 1 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX MILLIMETERS INCHES 0.100 BSC 2.54 BSC DIM A B C D E F G J K N P Q R S U V MIN 1.080 0.740 0.630 0.027 0.160 0.048 0.014 0.070 0.150 0.150 0.440 0.695 0.840 0.182 0.220 MAX 1.120 0.760 0.650 0.033 0.180 0.064 0.016 0.080 0.160 0.160 0.460 0.725 0.860 0.194 0.240 MIN 27.43 18.80 16.00 0.68 4.06 1.22 0.36 1.78 3.81 3.81 11.18 17.65 21.34 4.62 5.59 MAX 28.45 19.30 16.51 0.84 4.57 1.63 0.41 2.03 4.06 4.06 11.68 18.42 21.84 4.93 6.10 NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. CASE 867F-03 ISSUE D AXIAL PORT (ASX) MPX4100 Sensors Freescale Semiconductor 7 |