| データシートサーチシステム |
|
SR2R5223Z データシート(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
SR2R5223Z データシート(HTML) 2 Page - DB Lectro Inc |
|
2 / 2 page ![]() Supercapacitor Features - RoHS compliant - High capacitance and low resistance for long cycle life applications - Small sized, light weight and maintenance free - Wider temperature range(-25 ~ 70℃) Applications Primary or back-up power supply for video, audio, camera, printer, hand held scanner, telephone, car stereo, computer, toy, LED display, relay, electric buzzer, etc Product list: : : : Dimension (mm) Part Number Rated Voltage(V) Nominal Capacitance(F) ESR ( ) (@1kHz) Φ L (or) T Solder Type SR2R5223Z 2.5 2.2 ≤ 0.28 10.0±0.1 21.0±0.2 SR2R5333Z 2.5 3.3 ≤ 0.15 10.0±0.1 21.0±0.2 SR2R5473Z 2.5 4.7 ≤ 0.10 13.0±0.1 21.0±0.2 SR2R5104Z 2.5 10 ≤ 0.05 13.0±0.1 34.0±0.2 SR2R5204Z 2.5 20 ≤ 0.04 16.0±0.1 34.0±0.2 SR2R5304Z 2.5 30 ≤ 0.03 16.0±0.1 32.0±0.2 SR2R5504Z 2.5 50 ≤ 0.02 18.0±0.1 32.0±0.2 SR2R5105Z 2.5 100 ≤ 0.02 22.0±0.2 54.0±0.2 SR2R5125Z 2.5 120 ≤ 0.02 22.0±0.2 45.0±0.2 SC2R7302Z 2.7 0.3 ≤ 70 7.05±0.1 2.5±0.2 V type SC2R7702Z 2.7 0.7 ≤ 30 9.65±0.1 2.7±0.2 V type,H type SC2R7103Z 2.7 1.0 ≤ 25 12.75±0.1 2.4±0.2 V type, H type SC2R7203Z 2.7 2.0 ≤ 15 16.3±0.1 2.4±0.2 V type, H type SC2R7303Z 2.7 3.0 ≤ 10 20.2±0.1 2.0±0.2 V type, H type SC2R7603Z 2.7 6.0 ≤ 6 20.3±0.1 3.3±0.2 V type, H type SC2R7803Z 2.7 8.0 ≤ 5 24.8±0.1 3.5±0.2 V type,H type SC5R5152Z 5.5 0.15 ≤ 150 7.05±0.1 5.0±0.2 V type SC5R5222Z 5.5 0.22 ≤ 70 9.65±0.1 4.6±0.2 V type,H type SC5R5332Z 5.5 0.33 ≤ 60 9.65±0.1 6.0±0.2 V type,H type SC5R5472Z 5.5 0.47 ≤ 45 12.75±0.1 4.3±0.2 V type, H type SC5R5802Z 5.5 0.8 ≤ 40 20.8±0.1 7.2±0.2 C, H, V type SC5R5103Z 5.5 1.0 ≤ 35 20.8±0.1 7.2±0.2 C, H, V type SC5R5153Z 5.5 1.5 ≤ 24 20.2±0.1 3.7±0.2 V type,H type SC5R5303Z 5.5 3.0 ≤ 15 20.3±0.1 6.7±0.2 V type,H type SC5R5403Z 5.5 4.0 ≤ 15 24.8±0.1 6.5±0.2 V type,H type Part Number System □ □ □ □ □ □ □ □ □ Series Rated Nominal Capacitance Code Voltage Capacitance Tolerance Z: tolerance from -20% to +80% Type S: Supercapacitor Example-702: 7.0*E2 mF Shape R: Radial: Example-2R7: 2.7V C: Cell DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |