| データシートサーチシステム |
|
PCA9633DP2 データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9633DP2 データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 42 page ![]() PCA9633_3 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 03 — 20 December 2006 39 of 42 NXP Semiconductors PCA9633 4-bit Fm+ I2C-bus LED driver For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 18. Abbreviations MSL: Moisture Sensitivity Level Fig 32. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 24. Abbreviations Acronym Description CDM Charged Device Model DUT Device Under Test ESD ElectroStatic Discharge HBM Human Body Model I2C-bus Inter-Integrated Circuit bus LCD Liquid Crystal Display LED Light Emitting Diode LSB Least Significant Bit MM Machine Model MSB Most Significant Bit NMOS Negative-channel Metal Oxide Semiconductor PCB Printed-Circuit Board PMOS Positive-channel Metal Oxide Semiconductor PWM Pulse Width Modulation RGB Red/Green/Blue RGBA Red/Green/Blue/Amber SMBus System Management Bus |