| データシートサーチシステム |
|
TMP86FS64FG データシート(PDF) 21 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG データシート(HTML) 21 Page - Toshiba Semiconductor |
|
21 / 252 page ![]() Page 9 TMP86FS64FG PA5 66 IO PORTA5 PA4 65 IO PORTA4 PA3 64 IO PORTA3 PA2 63 IO PORTA2 PA1 62 IO PORTA1 PA0 61 IO PORTA0 PB7 76 IO PORTB7 PB6 75 IO PORTB6 PB5 74 IO PORTB5 PB4 73 IO PORTB4 PB3 72 IO PORTB3 PB2 71 IO PORTB2 PB1 70 IO PORTB1 PB0 69 IO PORTB0 XIN 2 I High frequency OSC input pin XOUT 3 I High frequency OSC output pin RESET 8 I RESET input TEST 4 I TEST pin (Fix to Low level) VAREF 42 I Analog Base Voltage Input Pin for A/D Conversion AVDD 43 I Analog Power Supply AVSS 44 I Analog Power Supply VDD 5 I VDD pin VSS 1 I GND pin Table 1-1 Pin Names and Functions(4/4) Pin Name Pin Number Input/Output Functions |