| データシートサーチシステム |
|
TMP86FS49BUG データシート(PDF) 207 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49BUG データシート(HTML) 207 Page - Toshiba Semiconductor |
|
207 / 294 page ![]() Page 191 TMP86FS49BUG Figure 15-13 Example of Internal Clock and MSB Transmit/Receive Mode A6 A5 A4 A3 A2 A1 A0 A7 B7 B6 B5 B4 B3 B2 B1 C7 B0 C6 C5 C4 C3 C2 C1 C0 C A B Automatic wait Automatic wait Start shift operation Start shift operation Start shift operation Writing transmit data A Writing transmit data B D6 D5 D4 D3 D2 D1 D0 D7 E7 E6 E5 E4 E3 E2 E1 F7 E0 F6 F5 F4 F3 F2 F1 F0 Clearing SIOS Writing transmit data C E D F Reading received data D Reading received data E Reading received data F SIO2CR<SIOS> SIO2SR<SIOF> SIO2SR<SEF> SCK2 pin output SO2 pin SI2 pin INTSIO2 interrupt request SIO2SR<TXF> SIO2SR<RXF> SIO2RDB SIO2TDB |