| データシートサーチシステム |
|
TMP86FS49BUG データシート(PDF) 27 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49BUG データシート(HTML) 27 Page - Toshiba Semiconductor |
|
27 / 294 page ![]() Page 11 TMP86FS49BUG Figure 2-3 Examples of Resonator Connection Note:The function to monitor the basic clock directly at external is not provided for hardware, however, with dis- abling all interrupts and watchdog timers, the oscillation frequency can be adjusted by monitoring the pulse which the fixed frequency is outputted to the port by the program. The system to require the adjustment of the oscillation frequency should create the program for the adjust- ment in advance. XOUT XIN (Open) XOUT XIN XTOUT XTIN (Open) XTOUT XTIN (a) Crystal/Ceramic resonator (b) External oscillator (c) Crystal (d) External oscillator High-frequency clock Low-frequency clock |