データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP86FS49BUG データシート(PDF) 243 Page - Toshiba Semiconductor

部品番号 TMP86FS49BUG
部品情報  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG データシート(HTML) 243 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 244Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 247Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 294 page
background image
Page 227
TMP86FS49BUG
It takes a maximum of 40
µs to set security program in the flash memory. The next command sequence can-
not be executed until this operation is completed. To check the completion of the security program operation,
perform read operations repeatedly for data polling until the same data is read twice from the same address in
the flash memory. During the security program operation, any attempts to read from the same address is
reversed bit 6 of the data (toggling between 0 and 1).
19.3 Toggle Bit (D6)
After the byte program, chip erase, and security program command sequence is executed, any consecutive
attempts to read from the same address is reversed bit 6 (D6) of the data (toggling between 0 and 1) until the opera-
tion is completed. Therefore, this toggle bit provides a software mechanism to check the completion of each opera-
tion. Usually perform read operations repeatedly for data polling until the same data is read twice from the same
address in the flash memory. After the byte program, chip erase, or security program command sequence is executed,
the initial read of the toggle bit always produces a "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More