| データシートサーチシステム |
|
TMP86CS44UG データシート(PDF) 56 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS44UG データシート(HTML) 56 Page - Toshiba Semiconductor |
|
56 / 172 page ![]() Page 46 4. Special Function Register (SFR) 4.1 SFR TMP86CS44UG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). 0028H SIORDB SIOTDB 0029H Reserved 002AH Reserved 002BH Reserved 002CH Reserved 002DH Reserved 002EH DACCR 002FH DACDR 0030H Reserved 0031H - STOPCR 0032H Reserved 0033H Reserved 0034H - WDTCR1 0035H - WDTCR2 0036H TBTCR 0037H EINTCR 0038H SYSCR1 0039H SYSCR2 003AH EIRL 003BH EIRH 003CH ILL 003DH ILH 003EH INTSEL 003FH PSW Address Read Write |