| データシートサーチシステム |
|
TMP86FS23UG データシート(PDF) 103 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS23UG データシート(HTML) 103 Page - Toshiba Semiconductor |
|
103 / 252 page ![]() Page 91 TMP86FS23UG Note 7: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 9- 3. Note 8: The operating clock fc in the SLOW or SLEEP mode can be used only as the high-frequency warm-up mode. |