| データシートサーチシステム |
|
TMP86FS49AFG データシート(PDF) 64 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AFG データシート(HTML) 64 Page - Toshiba Semiconductor |
|
64 / 294 page ![]() Page 48 4. Special Function Register (SFR) 4.2 DBR TMP86FS49AFG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). Address Read Write 0FE0H Reserved 0FE1H Reserved 0FE2H Reserved 0FE3H Reserved 0FE4H Reserved 0FE5H Reserved 0FE6H Reserved 0FE7H Reserved 0FE8H Reserved 0FE9H Reserved 0FEAH Reserved 0FEBH Reserved 0FECH Reserved 0FEDH Reserved 0FEEH Reserved 0FEFH Reserved 0FF0H Reserved 0FF1H Reserved 0FF2H Reserved 0FF3H Reserved 0FF4H Reserved 0FF5H Reserved 0FF6H Reserved 0FF7H Reserved 0FF8H Reserved 0FF9H Reserved 0FFAH Reserved 0FFBH Reserved 0FFCH Reserved 0FFDH Reserved 0FFEH Reserved 0FFFH FLSCR |