| データシートサーチシステム |
|
TMP86FS49AFG データシート(PDF) 117 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AFG データシート(HTML) 117 Page - Toshiba Semiconductor |
|
117 / 294 page ![]() Page 101 TMP86FS49AFG Note 7: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 10- 3. Note 8: The operating clock fc in the SLOW or SLEEP mode can be used only as the high-frequency warm-up mode. |