| データシートサーチシステム |
|
TMP86FS49AFG データシート(PDF) 189 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AFG データシート(HTML) 189 Page - Toshiba Semiconductor |
|
189 / 294 page ![]() Page 173 TMP86FS49AFG Figure 14-13 Example of Internal Clock and MSB Transmit/Receive Mode A6 A5 A4 A3 A2 A1 A0 A7 B7 B6 B5 B4 B3 B2 B1 C7 B0 C6 C5 C4 C3 C2 C1 C0 C A B Automatic wait Automatic wait Start shift operation Start shift operation Start shift operation Writing transmit data A Writing transmit data B D6 D5 D4 D3 D2 D1 D0 D7 E7 E6 E5 E4 E3 E2 E1 F7 E0 F6 F5 F4 F3 F2 F1 F0 Clearing SIOS Writing transmit data C E D F Reading received data D Reading received data E Reading received data F SIO1CR<SIOS> SIO1SR<SIOF> SIO1SR<SEF> SCK1 pin output SO1 pin SI1 pin INTSIO1 interrupt request SIO1SR<TXF> SIO1SR<RXF> SIO1RDB SIO1TDB |