| データシートサーチシステム |
|
ATSHA204A データシート(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSHA204A データシート(HTML) 69 Page - Microchip Technology |
|
69 / 93 page ![]() 12. Package Drawings 12.1 8-pad UDFN B A 0.10 C 0.10 C (DATUM B) (DATUM A) C SEATING PLANE 12 N 2X TOP VIEW SIDE VIEW NOTE 1 12 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-21355-Q4B Rev A Sheet 1 of 2 2X 8X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN] Atmel Legacy YNZ Package © 2017 Microchip Technology Inc. D E D2 E2 K L 8X b e e 2 0.10 C A B 0.05 C A (A3) A1 BOTTOM VIEW ATSHA204A Package Drawings © 2018 Microchip Technology Inc. DS40002025A-page 69 |