| データシートサーチシステム |
|
IL710 データシート(PDF) 9 Page - NVE Corporation |
|
|
|||||||||||||||||||||||||||||
IL710 データシート(HTML) 9 Page - NVE Corporation |
|
9 / 16 page ![]() IL710 9 NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 (952) 829-9217 www.nve.com YouTube.com/NveCorporation iso-apps@nve.com Application Diagrams Isolated PROFIBUS / RS-485 NVE offers a unique line of single-chip isolated PROFIBUS/RS-485 transceivers, but as this circuit illustrates, IL710 isolators can also be used as part of multi-chip designs using non-isolated PROFIBUS transceivers: Isolation Boundary IL710 IL710 IL710 ISL8485 Note: V DD 1 and VISO should be decoupled with 10 nF ceramic capacitors at IL710 supply pins. RS-485 Truth Table TXD RTS A B RXD 1 0 Z Z X 0 0 Z Z X 1 1 1 0 1 0 1 0 1 0 |