データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL432 データシート(PDF) 17 Page - STMicroelectronics

部品番号 TL432
部品情報  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL432 データシート(HTML) 17 Page - STMicroelectronics

Back Button TL432 Datasheet HTML 13Page - STMicroelectronics TL432 Datasheet HTML 14Page - STMicroelectronics TL432 Datasheet HTML 15Page - STMicroelectronics TL432 Datasheet HTML 16Page - STMicroelectronics TL432 Datasheet HTML 17Page - STMicroelectronics TL432 Datasheet HTML 18Page - STMicroelectronics TL432 Datasheet HTML 19Page - STMicroelectronics TL432 Datasheet HTML 20Page - STMicroelectronics TL432 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID4467 Rev 17
17/22
TL431, TL432
Package information
22
4.5
SOT23-5 package information
Figure 28. SOT23-5 package outline
Table 11. SOT23-5 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
-
1.45
0.035
-
0.057
A1
-
-
0.15
-
-
0.006
A2
0.90
-
1.30
0.035
-
0.051
b
0.35
-
0.50
0.014
-
0.020
c
0.09
-
0.20
0.004
-
0.008
D
2.80
-
3.05
0.110
-
0.120
E
1.50
-
1.75
0.059
-
0.069
e
-
0.95
-
-
0.037
-
H
2.60
-
3.00
0.102
-
0.118
L
0.10
-
0.60
0.004
-
0.024
θ
0 degrees
-
10 degrees
-
-
-
7049676_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22